Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV9937 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce STV9937
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button STV9937 Datasheet HTML 15Page - STMicroelectronics STV9937 Datasheet HTML 16Page - STMicroelectronics STV9937 Datasheet HTML 17Page - STMicroelectronics STV9937 Datasheet HTML 18Page - STMicroelectronics STV9937 Datasheet HTML 19Page - STMicroelectronics STV9937 Datasheet HTML 20Page - STMicroelectronics STV9937 Datasheet HTML 21Page - STMicroelectronics STV9937 Datasheet HTML 22Page - STMicroelectronics STV9937 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
19/49
STV9937
Window Specifications
3.7
Window Display Priority Management
The OSD windows are displayed with the following priority: Window 4 (top), 3, 2 and 1 (bottom).
This order of priority is shown the example given in Figure 8.
Figure 7: Illustration of Window Bordering and Shadowing Effects
Figure 8: Example of Window Displays
M pixels
N scan lines
M pixels
N scan lines
Window Bordering
Window Shadowing
Window 1
HD
VD
Window 2
Window 3
Window 4
Screen
Axis
Origin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49