| Moteur de recherche de fiches techniques de composants électroniques |
|
STV9937 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV9937 Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 49 page ![]() 7/49 STV9937 General Description 1.1 Pin Description Figure 4: Pin Connections Table 1: Pin Descriptions N° Pin Name Direction Digital/Analog Function 1 AVSS - Supply Analog Ground 2 RP I/O Analog for VCO 3 VCO I/O Analog for VCO 4 AVDD - Supply Analog Power Supply 5 TEST1 Input Digital Remains at 0 (for test purposes only) 6 TEST2 Input Digital Remains at 0 (for test purposes only) 7 HFLY Input Digital Horizontal Flyback Input 8 VS Input Digital Vertical Synchronization Input 9 HSYNC Input Digital Horizontal Synchronization Input 10 SDA I/O Digital Serial Data of I²C bus 11 SCL Input Digital Serial Clock of I²C bus 11 DVDD - Supply Digital Power Supply 12 N/C - - - 13 FBLK Output Digital Fast Blanking Output 14 ROUT Output Digital OSD Red Color Output 15 GOUT Output Digital OSD Green Color Output 16 BOUT Output Digital OSD Blue Color Output 17 PB Output Digital PictureBooSTTM Output 18 DVSS - Supply Digital Ground IVSS BIN GIN RIN IVDD DVDD DVSS PB BOUT GOUT ROUT FBLK AVSS RP VCO AVDD TEST1 TEST2 HFLY VS HSYNC SDA SCL 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 |