Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APX9359A Fiches technique(PDF) 2 Page - Anpec Electronics Coropration

No de pièce APX9359A
Description  Three-Phase Sine-wave Sensor-Less Fan Motor Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANPEC [Anpec Electronics Coropration]
Site Internet  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9359A Fiches technique(HTML) 2 Page - Anpec Electronics Coropration

  APX9359A Datasheet HTML 1Page - Anpec Electronics Coropration APX9359A Datasheet HTML 2Page - Anpec Electronics Coropration APX9359A Datasheet HTML 3Page - Anpec Electronics Coropration APX9359A Datasheet HTML 4Page - Anpec Electronics Coropration APX9359A Datasheet HTML 5Page - Anpec Electronics Coropration APX9359A Datasheet HTML 6Page - Anpec Electronics Coropration APX9359A Datasheet HTML 7Page - Anpec Electronics Coropration APX9359A Datasheet HTML 8Page - Anpec Electronics Coropration APX9359A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jan., 2018
www.anpec.com.tw
2
APX9359A
S ymbol
Pa ram ete r
Rating
Unit
VCC
VCC P in Supp ly Voltage (V CC to GND)
-0.3 to 7
V
IOUT
UO /V O/W O Pin Ou tpu t Curren t
1
A
VUO/V VO/VWO
UO /V O/W O Pin Ou tpu t Voltage
-0.3 to 7
V
V PWM/VSP
PWM/V SP Pin Maximum Inp ut Voltage
-0.3 to 7
V
VSO
SO Pin O utput Voltage
-0.3 to 7
V
I
SO
SO Pin Maximum Output Sink Current
10
mA
TJ
Ju nctio n Temp erature
-40 to 150
o
C
TSTG
Sto rage Temperature
-65 to 150
o
C
TSDR
Ma xim um Le ad So lderin g Tempe ratu re (10 Se co nds)
26 0
o C
Absolute Maximum Ratings (Note 1)
Note 1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Thermal Characteristics
S ymbol
Pa ram ete r
Typica l Value
Unit
θ JA
Th ermal Resistan ce -Ju nctio n to A mbient
(Note 2)
VTDFN2x2 -10
10 4
oC/W
P D
Power Dissipation, TA=25
oC
VTDFN2x2 -10
1 .2
W
Note 2:
θ
JA
is measured on a board (30x30x1.2mm, Glass epoxy). The Thermal Pad on the bottom of VTDFN2x2-10 package should
soldered directly to the PCB
’s Thermal Pad area that with several thermal vias connect to ground plane, and the PCB is a 2-layer,
10mm square with 2oz cooper thickness.
Recommended Operating Conditions
S ymbol
Pa ram eter
Ra nge
Unit
VCC
VCC P in Supp ly Voltage Rang e
2 to 6
V
V PWM/VSP
PWM/V SP Pin Input Volta ge Range
0 to VCC
V
TA
Ambie nt Tempera tur e
-40 to 105
o
C
IOUT
UO /V O/W O Pin A ver age Ou tp ut Curren t
0 to 4 00
mA
Note 3: Refer to the typical application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com