Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APX9359A Fiches technique(PDF) 8 Page - Anpec Electronics Coropration

No de pièce APX9359A
Description  Three-Phase Sine-wave Sensor-Less Fan Motor Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANPEC [Anpec Electronics Coropration]
Site Internet  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9359A Fiches technique(HTML) 8 Page - Anpec Electronics Coropration

Back Button APX9359A Datasheet HTML 4Page - Anpec Electronics Coropration APX9359A Datasheet HTML 5Page - Anpec Electronics Coropration APX9359A Datasheet HTML 6Page - Anpec Electronics Coropration APX9359A Datasheet HTML 7Page - Anpec Electronics Coropration APX9359A Datasheet HTML 8Page - Anpec Electronics Coropration APX9359A Datasheet HTML 9Page - Anpec Electronics Coropration APX9359A Datasheet HTML 10Page - Anpec Electronics Coropration APX9359A Datasheet HTML 11Page - Anpec Electronics Coropration APX9359A Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jan., 2018
www.anpec.com.tw
8
APX9359A
Function Description (Cont.)
SEL Control
The APX9359A support FG, 1/2FG or RD Output.
SEL Pin Input Voltage
RSEL1/RSEL2
SO Output
Speed Control
GND
Open/GND
FG
VSP
0.2(V) ~ 0.4*VCC(V)
30K
Ω/10KΩ
RD
PWM
0.4*VCC(V) ~0.8*VCC(V)
10K
Ω/15KΩ
1/2FG
PWM
VCC
VCC/ Open
FG
PWM
Lock Protection and Automatic Restart
The APX9359A provides the lock protection and automatic restart functions to prevent the coil burnout while the fan is
locked. As the fan is locked, the IC will come into start-up operation for 0.75 second. Then, the IC will switch to lock
protection mode to turn off output driver for 5 seconds. After lock protection mode, the IC switches to start-up operation
again. If the locked condition still remains, the lock-and-restart process will be recurred until the locked condition is
released.
Thermal Protection
The APX9359A has thermal protection. When internal junction temperature reaches 165oC, the output devices will be
switched off. When the IC
’s junction temperature cools down 30oC, the thermal sensor will turn on the output devices
again, resulting in a pulsed output during continuous thermal protection.
SO Output
The SO pin is an open-drain output, connecting a pull up resistor to a high level voltage for the speed detection
function. During the Lock Mode, the SO will always high (switch off). Open the terminal when not in use.
Table 1: SEL Pin Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com