Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APX9359A Fiches technique(PDF) 7 Page - Anpec Electronics Coropration

No de pièce APX9359A
Description  Three-Phase Sine-wave Sensor-Less Fan Motor Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANPEC [Anpec Electronics Coropration]
Site Internet  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9359A Fiches technique(HTML) 7 Page - Anpec Electronics Coropration

Back Button APX9359A Datasheet HTML 3Page - Anpec Electronics Coropration APX9359A Datasheet HTML 4Page - Anpec Electronics Coropration APX9359A Datasheet HTML 5Page - Anpec Electronics Coropration APX9359A Datasheet HTML 6Page - Anpec Electronics Coropration APX9359A Datasheet HTML 7Page - Anpec Electronics Coropration APX9359A Datasheet HTML 8Page - Anpec Electronics Coropration APX9359A Datasheet HTML 9Page - Anpec Electronics Coropration APX9359A Datasheet HTML 10Page - Anpec Electronics Coropration APX9359A Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jan., 2018
www.anpec.com.tw
7
APX9359A
Function Description
PWM Speed Control (fixed output frequency)
It is possible to change rotation speed of the motor by
switching output transistor. The on-duty of switching de-
pends on the signal from input of PWM terminal. The
output PWM frequency is fixed to 31KHz typically.
Figure 2: Sine Wave Modulation PWM Output
Soft Switch (sine-wave output)
This is a soft switch PWM output to make the phase cur-
rent smoother, which can reduce the noise of motor in
switch interval. Using PWM duty control to simulate the
idea sine wave output current.
Figure 3. Quick Start Waveform
This IC would enter standby mode when the PWM input
keeps low level for more than 10ms (typ.). In standby
mode, the supply current is around 100
µA and the lock
protection function doesn
’t work, therefore, starting fan is
unobstructed when releasing standby mode.
Quick Start and Standby Mode
Sinusoidal PWM
Output
(UO,VO,WO)
Sine Wave
Modulation
(internal signal)
10ms
(typ.)
Disable
Enable
Enable
VPWM
Lock Protect
Enable (internal)
VSP Speed Control
The APX9359A also support VSP input voltage speed
control. When the SEL pin pulled down to GND , the VSP
input pin to control the output duty directly.
VCC
50%
25%
75%
100%
0V
0%
0.6V
3.6V
OUT DUTY
VSP
0.2V
Standby
Mode
Figure 1: VSP Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com