Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APX9359A Fiches technique(PDF) 6 Page - Anpec Electronics Coropration

No de pièce APX9359A
Description  Three-Phase Sine-wave Sensor-Less Fan Motor Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANPEC [Anpec Electronics Coropration]
Site Internet  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9359A Fiches technique(HTML) 6 Page - Anpec Electronics Coropration

Back Button APX9359A Datasheet HTML 2Page - Anpec Electronics Coropration APX9359A Datasheet HTML 3Page - Anpec Electronics Coropration APX9359A Datasheet HTML 4Page - Anpec Electronics Coropration APX9359A Datasheet HTML 5Page - Anpec Electronics Coropration APX9359A Datasheet HTML 6Page - Anpec Electronics Coropration APX9359A Datasheet HTML 7Page - Anpec Electronics Coropration APX9359A Datasheet HTML 8Page - Anpec Electronics Coropration APX9359A Datasheet HTML 9Page - Anpec Electronics Coropration APX9359A Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jan., 2018
www.anpec.com.tw
6
APX9359A
Typical Application Circuit
Circuit1: PWM Speed Control
Circuit2: VSP Speed Control
Note: 1.RPWM and RSOS are optional to protect internal circuit for abnormal voltage stress.
Note: 1.RSOS is optional to protect internal circuit for abnormal voltage stress.
2. VSP is prohibited floating.
WO
VO
UO
GND
SO
VCC
SC
D1
COM
CSC
VIN
C1
2.2 uF
SEL
Pull High
Voltage
1K
Ω
RPWM
50 ~100
Ω
RSOS
PWM
Control Signal
SO OUTPUT
PWM/VSP
RSO=10KΩ
RSEL2
RSEL1
WO
VO
UO
GND
SO
RSO=10KΩ
VCC
SC
PWM/VSP
D1
COM
CSC
VIN
C1
2.2uF
Pull High
Voltage
50 ~100
Ω
RSOS
VSP Control Signal
SO OUTPUT
0.6 V~3 .6V
SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com