Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

39504 Fiches technique(PDF) 13 Page - Microchip Technology

No de pièce 39504
Description  Section 4. Architecture
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

39504 Fiches technique(HTML) 13 Page - Microchip Technology

Back Button 39504 Datasheet HTML 8Page - Microchip Technology 39504 Datasheet HTML 9Page - Microchip Technology 39504 Datasheet HTML 10Page - Microchip Technology 39504 Datasheet HTML 11Page - Microchip Technology 39504 Datasheet HTML 12Page - Microchip Technology 39504 Datasheet HTML 13Page - Microchip Technology 39504 Datasheet HTML 14Page - Microchip Technology 39504 Datasheet HTML 15Page - Microchip Technology 39504 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
 2000 Microchip Technology Inc.
DS39504A-page 4-13
Section 4 Architecture
4
VREF
I
Analog
Analog High Voltage Reference input.
DR reference voltage output on devices with comparators.
VREF+
I
Analog
Analog High Voltage Reference input.
Usually multiplexed onto an analog pin.
VREF-
I
Analog
Analog Low Voltage Reference input.
Usually multiplexed onto an analog pin.
VSS
P
—
Ground reference for logic and I/O pins.
VDD
P
—
Positive supply for logic and I/O pins.
VPP
P
—
Programming voltage input
WR
I
TTL
Write control for parallel slave port (See CS and RD pins also).
WRL
O
—
System bus write low byte strobe
WRH
O
—
System bus write high byte strobe
Table 4-1:
I/O Descriptions (Continued)
Pin Name
Pin
Type
Buffer
Type
Description
Legend: TTL = TTL-compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
O = output
PU = Weak internal pull-up
I = input
Analog = Analog input or output
P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16