| Moteur de recherche de fiches techniques de composants électroniques |
|
39504 Fiches technique(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
39504 Fiches technique(HTML) 12 Page - Microchip Technology |
|
12 / 16 page ![]() PIC18C Reference Manual DS39504A-page 4-12 2000 Microchip Technology Inc. PORTL is a digital input RL0 I/O ST RL1 I/O ST RL2 I/O ST RL3 I/O ST RL4 I/O ST RL5 I/O ST RL6 I/O ST RL7 I/O ST RX I ST USART Asynchronous Receive SCL I/O ST Synchronous serial clock input/output for I2C mode. SCLA I/O ST Synchronous serial clock for I2C interface. SCLB I/O ST Synchronous serial clock for I2C interface. SDA I/O ST I2C™ Data I/O SDAA I/O ST Synchronous serial data I/O for I2Cinterface SDAB I/O ST Synchronous serial data I/O for I2Cinterface SCK I/O ST Synchronous serial clock input/output for SPI mode. SDI I ST SPI Data In SDO O — SPI Data Out (SPI mode) SS I ST SPI Slave Select input T0CKI I ST Timer0 external clock input T1CKI I ST Timer1 external clock input T1OSO O CMOS Timer1 oscillator output T1OSI I CMOS Timer1 oscillator input TX O — USART Asynchronous Transmit (See related RX) UB O — System bus upper byte strobe Table 4-1: I/O Descriptions (Continued) Pin Name Pin Type Buffer Type Description Legend: TTL = TTL-compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels O = output PU = Weak internal pull-up I = input Analog = Analog input or output P = Power |