| Moteur de recherche de fiches techniques de composants électroniques |
|
39504 Fiches technique(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
39504 Fiches technique(HTML) 11 Page - Microchip Technology |
|
11 / 16 page ![]() 2000 Microchip Technology Inc. DS39504A-page 4-11 Section 4 Architecture 4 PORTG is a digital input RG0 I/O ST RG1 I/O ST RG2 I/O ST RG3 I/O ST RG4 I/O ST RG5 I/O ST RG6 I/O ST RG7 I/O ST PORTH is a digital input RH0 I/O ST RH1 I/O ST RH2 I/O ST RH3 I/O ST RH4 I/O ST RH5 I/O ST RH6 I/O ST RH7 I/O ST PORTJ is a digital input RJ0 I/O ST RJ1 I/O ST RJ2 I/O ST RJ3 I/O ST RJ4 I/O ST RJ5 I/O ST RJ6 I/O ST RJ7 I/O ST PORTK is a digital input RK0 I/O ST RK1 I/O ST RK2 I/O ST RK3 I/O ST RK4 I/O ST RK5 I/O ST RK6 I/O ST RK7 I/O ST Table 4-1: I/O Descriptions (Continued) Pin Name Pin Type Buffer Type Description Legend: TTL = TTL-compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels O = output PU = Weak internal pull-up I = input Analog = Analog input or output P = Power |