Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9679P Fiches technique(PDF) 203 Page - STMicroelectronics

No de pièce L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Fiches technique(HTML) 203 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 199Page - STMicroelectronics L9679P Datasheet HTML 200Page - STMicroelectronics L9679P Datasheet HTML 201Page - STMicroelectronics L9679P Datasheet HTML 202Page - STMicroelectronics L9679P Datasheet HTML 203Page - STMicroelectronics L9679P Datasheet HTML 204Page - STMicroelectronics L9679P Datasheet HTML 205Page - STMicroelectronics L9679P Datasheet HTML 206Page - STMicroelectronics L9679P Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 272 page
background image
DocID029275 Rev 1
203/272
L9679P
Safing logic
271
Figure 60. ARMx input/output control logic
12.5.1
Arming pulse stretch
Upon a valid command processed by the safing logic, the Dwell bit to stretch the arming
time assertion (dwell time) applies to each safing record and is used to help safe the
deployment sequence to avoid undesired behaviour.
Once dwell time has started, it will continue, regardless of the En (Record Enable) bit. Dwell
will be truncated in case of SSM reset. Dwell values in the safing records are transferred to
the ARMx signals. A dedicated counter is designed for each ARMx output pin. If different
dwell values are assigned to the same ARMx, the longer value is used. Dwell times can only
be extended, not reduced. If the remaining dwell time is less than the new dwell extension
setting, the new setting will be loaded into the dwell counter.
Dwell times are user programmable.
The behaviour of the pulse stretch timer is shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More