Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9679P Fiches technique(PDF) 174 Page - STMicroelectronics

No de pièce L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Fiches technique(HTML) 174 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 170Page - STMicroelectronics L9679P Datasheet HTML 171Page - STMicroelectronics L9679P Datasheet HTML 172Page - STMicroelectronics L9679P Datasheet HTML 173Page - STMicroelectronics L9679P Datasheet HTML 174Page - STMicroelectronics L9679P Datasheet HTML 175Page - STMicroelectronics L9679P Datasheet HTML 176Page - STMicroelectronics L9679P Datasheet HTML 177Page - STMicroelectronics L9679P Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 272 page
background image
Remote sensor interface
L9679P
174/272
DocID029275 Rev 1
Figure 41. Remote sensor synchronization pulses
L9679P supports three time slots in a sync period with associated RSDRx registers. The
messages received within one sync period are routed to the corresponding RSDRx register
associated to each time slot. A time slot control is performed to check if the incoming
messages fall within the valid time slots reported in Table 62 and sketched in Figure 42 If
the end of the received message occurs after the end of the checked outside a valid time
slot, a SLOT_ERROR fault will be detected and stored in the related RSDRx register. If two
messages end within the same slot, the second message will be assigned to that slot,
regardless its validity. The time slot control can be disabled by setting the TSxDIS bit in the
RSCRx register.
Figure 42. PSI5 slot timing control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More