Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9678P Fiches technique(PDF) 164 Page - STMicroelectronics

No de pièce L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Fiches technique(HTML) 164 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 160Page - STMicroelectronics L9678P Datasheet HTML 161Page - STMicroelectronics L9678P Datasheet HTML 162Page - STMicroelectronics L9678P Datasheet HTML 163Page - STMicroelectronics L9678P Datasheet HTML 164Page - STMicroelectronics L9678P Datasheet HTML 165Page - STMicroelectronics L9678P Datasheet HTML 166Page - STMicroelectronics L9678P Datasheet HTML 167Page - STMicroelectronics L9678P Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 203 page
background image
Temperature sensor
L9678P, L9678P-S
164/203
DocID029274 Rev 3
14
Temperature sensor
The L9678P provides an internal analog temperature sensor. The sensor is aimed to have a
reference for the average junction temperature on silicon surface. The sensor is placed far
away from power dissipating stages and squib deployment drivers. The output of the
temperature sensor is available via SPI through ADC conversion, as shown in Table 11. The
formula to calculate temperature from ADC reading is the following one:
T
C

180
220
1.652
---------------


ADCREF_hi
2
ADCRES
------------------------------- DIAGCTRLn ADCRESn




0.739
–



–
=
@ DIAGCTRLn(ADCREQn) = 0Ahex
All parametric requirements for this block can be found in specification tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More