| Moteur de recherche de fiches techniques de composants électroniques |
|
L9678P Fiches technique(PDF) 161 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P Fiches technique(HTML) 161 Page - STMicroelectronics |
|
161 / 203 page ![]() DocID029274 Rev 3 161/203 L9678P, L9678P-S System voltage diagnostics 202 Proper scaling is necessary for various voltage measurements. The divider ratios vary by measurement and are summarized by function in the table below. 011010 0 52 $34 Unused 011010 1 53 $35 Unused 011011 0 54 $36 SSxy Voltage ch. 0 SS01 011011 1 55 $37 SSxy Voltage ch. 1 SS01 011100 0 56 $38 SSxy Voltage ch. 2 SS23 011100 1 57 $39 SSxy Voltage ch. 3 SS23 011101 0 58 $3A Unused 011101 1 59 $3B Unused 011110 0 60 $3C Unused 011110 1 61 $3D Unused 011111 0 61 $3E Unused 011111 1 63 $3F Unused 100000 0 64 $40 Unused 100000 1 65 $41 Unused 100001 0 66 $42 VRESDIAG VRESDIAG 100001 1 67 $43 VDD5 VDD5 100010 0 68 $44 VDD3V3 VDD3V3 100010 1 69 $45 ISOK output voltage ISOK 100011 0 70 $46 SF0 voltage SF0 100011 1 71 $47 SF1 voltage SF1 100100 0 72 $48 SF2 voltage SF2 100100 1 73 $49 SF3 voltage SF3 1. The DC sensor resistance measurement can only be addressed through DIAGCRTL_A command. Results are available through DIAGCTRL_A and DIAGCTRL_B, where ADCRES_A will contain DCSI and ADCRES_B will contain DCSV. Table 11. Diagnostics control register (DIAGCTRLx) (continued) ADC Request (ADCREQx) Voltage measurement selection ADC Results (ADCRESx) Bit [6:0] Hex Bit [9:0] Table 12. Diagnostics divider ratios Measurements Divider Ratio 15:1 10:1 7.125:1 7:1 4:1 1:1 VER X ERBOOST X VSF X SSxy X |