Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9678P Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 27Page - STMicroelectronics L9678P Datasheet HTML 28Page - STMicroelectronics L9678P Datasheet HTML 29Page - STMicroelectronics L9678P Datasheet HTML 30Page - STMicroelectronics L9678P Datasheet HTML 31Page - STMicroelectronics L9678P Datasheet HTML 32Page - STMicroelectronics L9678P Datasheet HTML 33Page - STMicroelectronics L9678P Datasheet HTML 34Page - STMicroelectronics L9678P Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 203 page
background image
DocID029274 Rev 3
31/203
L9678P, L9678P-S
Start-up power control
202
4.3.4
VDD5 linear regulator
The VDD5 linear regulator provides 5 V system voltage derived directly from battery line
with an external power transistor to reduce integrated circuit power dissipation. This voltage
rail is used in case a 5 V micro-controller is adopted. The stability of the regulation loop is
guaranteed by use of a small external capacitor. Current limitation is provided by means of
controlling output current on BVDD5 pin. The external pass transistor gives the flexibility to
easily address different current loads in case of different micro-controllers. The VDD5
regulator is enabled in the ACTIVE mode and continues operation in the PASSIVE mode
using power from energy reserve. VDD5 supply is monitored for system reset (see Power
On Reset and Reset in Section 4.4); voltage monitoring is based on a second redundant
bandgap voltage reference.
Figure 14. VDD5 control behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More