| Moteur de recherche de fiches techniques de composants électroniques |
|
L9678P Fiches technique(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P Fiches technique(HTML) 47 Page - STMicroelectronics |
|
47 / 203 page ![]() 1 1 010 11 0 $D6 Safing record data mask 1 1 010 11 1 $D7 1 1 011 00 0 $D8 1 1 011 00 1 $D9 1 1 011 01 0 $DA 1 1 011 01 1 $DB 1 1 011 10 0 $DC 1 1 011 10 1 $DD 1 1 011 11 0 $DE 1 1 0 1 1 1 1 1 $DF R/W SAF_THRESHOLD_1 Safing record threshold X 1 1 1 0 0 0 0 0 $E0 R/W SAF_THRESHOLD_2 X 1 1 1 0 0 0 0 1 $E1 R/W SAF_THRESHOLD_3 X 1 1 1 0 0 0 1 0 $E2 R/W SAF_THRESHOLD_4 X 1 1 100 01 1 $E3 1 1 100 10 0 $E4 1 1 100 10 1 $E5 1 1 100 11 0 $E6 1 1 100 11 1 $E7 1 1 101 00 0 $E8 1 1 101 00 1 $E9 1 1 101 01 0 $EA 1 1 101 01 1 $EB 1 1 101 10 0 $EC 1 1 101 10 1 $ED 1 1 101 11 0 $EE Table 6. Global SPI register map (continued) GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Ssafing Scrap Arming |