| Moteur de recherche de fiches techniques de composants électroniques |
|
L9678P Fiches technique(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P Fiches technique(HTML) 45 Page - STMicroelectronics |
|
45 / 203 page ![]() 1 0 100 10 0 $A4 Safing record request target 1 0 100 10 1 $A5 1 0 1 0 0 1 1 0 $A6 R/W SAF_RESP_MASK_1 Safing record response mask X 1 0 1 0 0 1 1 1 $A7 R/W SAF_RESP_MASK_2 X 1 0 1 0 1 0 0 0 $A8 R/W SAF_RESP_MASK_3 X 1 0 1 0 1 0 0 1 $A9 R/W SAF_RESP_MASK_4 X 1 0 101 01 0 $AA 1 0 101 01 1 $AB 1 0 101 10 0 $AC 1 0 101 10 1 $AD 1 0 101 11 0 $AE 1 0 101 11 1 $AF 1 0 110 00 0 $B0 1 0 110 00 1 $B1 1 0 110 01 0 $B2 1 0 110 01 1 $B3 1 0 110 10 0 $B4 1 0 110 10 1 $B5 1 0 110 11 0 $B6 1 0 110 11 1 $B7 1 0 111 00 0 $B8 1 0 1 1 1 0 0 1 $B9 R/W SAF_RESP_TARGET_1 Safing record response target X 1 0 1 1 1 0 1 0 $BA R/W SAF_RESP_TARGET_2 X 1 0 1 1 1 0 1 1 $BB R/W SAF_RESP_TARGET_3 X 1 0 1 1 1 1 0 0 $BC R/W SAF_RESP_TARGET_4 X Table 6. Global SPI register map (continued) GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Ssafing Scrap Arming |