| Moteur de recherche de fiches techniques de composants électroniques |
|
SLG46110V Fiches technique(PDF) 32 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG46110V Fiches technique(HTML) 32 Page - Dialog Semiconductor |
|
32 / 82 page ![]() 000-0046110-106 Page 31 of 81 SLG46110 Figure 9. 2-bit LUT0 or DFF0 Figure 10. 2-bit LUT1 or DFF1 DFF0 clk D 2-bit LUT0 OUT IN0 IN1 To Connection Matrix Input <5> 4-bits NVM From Connection Matrix Output <5> 1-bit NVM reg <227:224> reg <240> From Connection Matrix Output <4> Q/nQ reg <225> Output Select (Q or nQ) DFF1 2-bit LUT1 From Connection Matrix Output <7> reg <231:228> reg <241> From Connection Matrix Output <6> To Connection Matrix Input <6> clk D OUT IN0 IN1 4-bits NVM 1-bit NVM Q/nQ reg <229> Output Select (Q or nQ) |