| Moteur de recherche de fiches techniques de composants électroniques |
|
SLG46110V Fiches technique(PDF) 48 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG46110V Fiches technique(HTML) 48 Page - Dialog Semiconductor |
|
48 / 82 page ![]() 000-0046110-106 Page 47 of 81 SLG46110 11.3 ACMP1 Block Diagram Figure 21. ACMP1 Block Diagram 11010 11001- 00000 Internal Vref PIN4: ACMP0(-) 10 01 PIN6: ACMP1(+) From ACMP0’s MUX Selectable Gain reg <375:374> Vref + - From Connection Matrix Output <36> pdb LBW Selection ibias reg <377> Hysteresis Selection reg <373:372> L/S ON after 100 s Delay To Connection Matrix Input<20> reg <371:367> *PIN6_aio_en; reg <378> OFF after 1 s Delay *PIN6_aio_en: if reg <19:15> = ’00000’ and reg <398:397> = ‘11’ then 1, otherwise: 0 |