| Moteur de recherche de fiches techniques de composants électroniques |
|
SLG46110V Fiches technique(PDF) 40 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG46110V Fiches technique(HTML) 40 Page - Dialog Semiconductor |
|
40 / 82 page ![]() 000-0046110-106 Page 39 of 81 SLG46110 10.4.1 4-Bit LUT or 8-Bit Counter / Delay Macrocell Used as 4-Bit LUTs Each Macrocell, when programmed for a LUT function, uses a 16-bit register to define their output function: 4-Bit LUT0 is defined by reg <300:285> Table 33. 4-bit LUT Standard Digital Functions Function MSB LSB AND-4 1 0 000 000 00 000 000 NAND-4 01 111 111 11 111 111 OR-4 11 111 111 11 111 110 NOR-4 0 0 000 000 00 000 001 XOR-4 0 1 101 001 10 010 110 XNOR-4 10 010 110 01 101 001 Table 32. 4-bit LUT0 Truth Table. IN3 IN2 IN1 IN0 OUT 0000reg <285> 0001reg <286> 0010reg <287> 0011reg <288> 0100reg <289> 0101reg <290> 0110reg <291> 0111reg <292> 1000reg <293> 1001reg <294> 1010reg <295> 1011reg <296> 1100reg <297> 1101reg <298> 1110reg <299> 1111reg <300> |