Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLG46110V Fiches technique(PDF) 30 Page - Dialog Semiconductor

No de pièce SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Fiches technique(HTML) 30 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 26Page - Dialog Semiconductor SLG46110V Datasheet HTML 27Page - Dialog Semiconductor SLG46110V Datasheet HTML 28Page - Dialog Semiconductor SLG46110V Datasheet HTML 29Page - Dialog Semiconductor SLG46110V Datasheet HTML 30Page - Dialog Semiconductor SLG46110V Datasheet HTML 31Page - Dialog Semiconductor SLG46110V Datasheet HTML 32Page - Dialog Semiconductor SLG46110V Datasheet HTML 33Page - Dialog Semiconductor SLG46110V Datasheet HTML 34Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
000-0046110-106
Page 29 of 81
SLG46110
The table below shows the register bits for the standard digital logic devices (AND, NAND, OR, NOR, XOR, XNOR) that can be
created within each of the two 3-bit LUT logic cells.
Table 21. 3-bit LUT Standard Digital Functions.
Function
MSB
LSB
AND-3
1
000
00
00
NAND-3
0
111
11
11
OR-3
1
111
11
10
NOR-3
0
000
00
01
XOR-3
1
001
01
10
XNOR-3
0
110
10
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82