Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC75813TS-E Fiches technique(PDF) 21 Page - ON Semiconductor

No de pièce LC75813TS-E
Description  Duty General-Purpose LCD Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75813TS-E Fiches technique(HTML) 21 Page - ON Semiconductor

Back Button LC75813TS-E Datasheet HTML 17Page - ON Semiconductor LC75813TS-E Datasheet HTML 18Page - ON Semiconductor LC75813TS-E Datasheet HTML 19Page - ON Semiconductor LC75813TS-E Datasheet HTML 20Page - ON Semiconductor LC75813TS-E Datasheet HTML 21Page - ON Semiconductor LC75813TS-E Datasheet HTML 22Page - ON Semiconductor LC75813TS-E Datasheet HTML 23Page - ON Semiconductor LC75813TS-E Datasheet HTML 24Page - ON Semiconductor LC75813TS-E Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Page 21
LC75813E, 75813T
Notes on Controller Transfer of Display Data
Since the LC75813E and LC75813T accept the display data (D1 to D261) divided into three separate transfer operations
when using 1/3 duty drive scheme and the data (D1 to D344) divided into four separate transfer operations when 1/4
duty drive, we recommend that applications transfer all of the display data within a period of less than 30 ms to prevent
observable degradation of display quality.
Figure 4
t1
Display and control data transfer
VDD
t2
D1 to D88
P0 to P3
Internal data
DR, DT, FC, SC, BU
Internal data (D89 to D176)
Internal data (D177 to D260)
VLCD
CE
INH
Undefined
Undefined
Defined
Undefined
Undefined
Defined
Undefined
Undefined
Defined
Undefined
Undefined
Defined
VIL
tc
VIL
t3
Internal data (D261 to D344)
Notes:
t1
≥ 0
t2 > 0
t3
≥ 0 (t2 > t3)
tc .......10
µs min.
2. 1/4 duty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28