| Moteur de recherche de fiches techniques de composants électroniques |
|
LC75813TS-E Fiches technique(PDF) 8 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC75813TS-E Fiches technique(HTML) 8 Page - ON Semiconductor |
|
8 / 28 page ![]() Page 8 LC75813E, 75813T 2. 1/4 duty x When CL is stopped at the low level Note: DD···Direction data. B1 B0 D2 D83 D84 D85 D86 D87 D88 D1 0 0 0 0 0 0 1 0 CCB address 8 bits Display data 88 bits Control data 14 bits DD 2 bits CCB address 8 bits Display data 88 bits Fixed data 14 bits DD 2 bits CCB address 8 bits Display data 84 bits Fixed data 18 bits DD 2 bits CCB address 8 bits Display data 84 bits Fixed data 18 bits DD 2 bits DI CL CE B3 B2 A0 A1 A2 A3 B1 B0 B3 B2 A0 A1 A2 A3 B1 B0 B3 B2 A0 A1 A2 A3 B1 B0 B3 B2 A0 A1 A2 A3 0 0 0 0 0 FC DT DR 0 0 BU SC P3 P2 P1 P0 0 D89 D90 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 0 0 0 0 D171 D172 D173 D174 D175 D176 0 0 D177 D178 0 0 1 0 0 0 D259 D260 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 D261 D262 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 0 0 0 D343 D344 |