| Moteur de recherche de fiches techniques de composants électroniques |
|
LC75813TS-E Fiches technique(PDF) 10 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC75813TS-E Fiches technique(HTML) 10 Page - ON Semiconductor |
|
10 / 28 page ![]() Serial Data Transfer Example 1. 1/3 duty x When 175 or more segments are used All 312 bits of serial data must be sent. y When fewer than 175 segments are used Either 104 or 208 bits of serial data may be sent, depending on the number of segments used. However, the serial data shown below (the D1 to D87 display data and the control data) must be sent. Page 10 LC75813E, 75813T 0 0 0 0 0 1 0 104 bits 8 bits B1 B0 D2 D1 0 0 BU FC SC DT DR P3 P2 P1 P0 0 0 0 0 D83 D84 D85 D86 D87 0 B3 B2 0 0 A1 A2 A3 A0 B1 B0 B3 B2 A1 A2 A3 A0 B1 B0 B3 B2 A1 A2 A3 A0 0 0 0 0 0 1 0 1 0 0 0 0 0 D176 D257 D258 D259 D260 D261 D175 D89 D170 D171 D172 D173 D174 D88 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 1 0 104 bits 8 bits B1 B0 D2 D1 0 0 BU FC SC DT DR P3 P2 P1 P0 0 0 0 0 D83 D84 D85 D86 D87 0 B3 B2 0 0 A1 A2 A3 A0 2. 1/4 duty x When 261 or more segments are used All 416 bits of serial data must be sent. y When fewer than 261 segments are used Either 104, 208 or 312 bits of serial data may be sent, depending on the number of segments used. However, the serial data shown below (the D1 to D88 display data and the control data) must be sent. 0 0 0 0 0 1 0 104 bits 8 bits B1 B0 D2 D1 0 0 BU FC SC DT DR P3 P2 P1 P0 0 0 0 0 D83 D84 D85 D86 D87 D88 B3 B2 0 0 A1 A2 A3 A0 B1 B0 B3 B2 A1 A2 A3 A0 B1 B0 B3 B2 A1 A2 A3 A0 0 0 0 0 0 1 0 1 0 0 0 0 0 0 D178 D259 D260 0 0 0 D177 D90 D171 D172 D173 D174 D175 D89 0 0 D176 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 B1 B0 B3 B2 A1 A2 A3 A0 D262 D343 D344 0 0 0 D261 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 1 0 104 bits 8 bits B1 B0 D2 D1 0 0 BU FC SC DT DR P3 P2 P1 P0 0 0 0 0 D83 D84 D85 D86 D87 D88 B3 B2 0 0 A1 A2 A3 A0 |