| Moteur de recherche de fiches techniques de composants électroniques |
|
LC75813TS-E Fiches technique(PDF) 9 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC75813TS-E Fiches technique(HTML) 9 Page - ON Semiconductor |
|
9 / 28 page ![]() Page 9 LC75813E, 75813T Note: DD···Direction data. • CCB address......40H • D1 to D344........Display data • P0 to P3 .............Segment output port/general-purpose output port switching control data • DR .....................1/2 bias drive or 1/3 bias drive switching control data • DT .....................1/3 duty drive or 1/4 duty drive switching control data • FC......................Common and segment output waveforms frame frequency setting control data • SC......................Segments on/off control data • BU .....................Normal mode/power-saving mode control data y When CL is stopped at the high level B0 B1 B2 B3 A0 A1 A2 A3 B0 B1 B2 B3 A0 A1 A2 A3 B0 B1 B2 B3 A0 A1 A2 A3 B0 B1 B2 B3 A0 A1 A2 A3 D2 D1 0 0 0 0 0 0 DT FC SC BU 0 0 P0 0 0 0 0 0 D83 D84 D85 D87 D88 D86 DI CL CE 1 0 P2 P1 DR P3 0 0 0 0 0 0 D171 D172 D173 D174 D175 D176 D90 D89 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 D177 D178 D259 D260 1 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 D262 D343 D344 D261 1 0 0 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 CCB address 8 bits Display data 88 bits Control data 14 bits DD 2 bits CCB address 8 bits Display data 88 bits Fixed data 14 bits DD 2 bits CCB address 8 bits Display data 84 bits Fixed data 18 bits DD 2 bits CCB address 8 bits Display data 84 bits Fixed data 18 bits DD 2 bits |