Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80960 Fiches technique(PDF) 72 Page - Intel Corporation

No de pièce 80960
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

80960 Fiches technique(HTML) 72 Page - Intel Corporation

Back Button 80960 Datasheet HTML 68Page - Intel Corporation 80960 Datasheet HTML 69Page - Intel Corporation 80960 Datasheet HTML 70Page - Intel Corporation 80960 Datasheet HTML 71Page - Intel Corporation 80960 Datasheet HTML 72Page - Intel Corporation 80960 Datasheet HTML 73Page - Intel Corporation 80960 Datasheet HTML 74Page - Intel Corporation 80960 Datasheet HTML 75Page - Intel Corporation 80960 Datasheet HTML 76Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 77 page
background image
80960JA/JF/JD/JT 3.3 V Microprocessor
72
Advance Information Datasheet
Figure 44.
Summary of Aligned and Unaligned Accesses (32-Bit Bus)
04
8
12
16
20
24
01
2
3
4
5
6
One Double-Word
Short-Word
Load/Store
Word
Load/Store
Double-Word
Load/Store
Byte, Byte Accesses
Short Access (Aligned)
Short Access (Aligned)
Byte, Byte Accesses
Word Access (Aligned)
Byte, Short, Byte, Accesses
Short, Short Accesses
Byte, Short, Byte Accesses
Byte Offset
Word Offset
One Double-Word Burst (Aligned)
Byte, Short, Word, Byte Accesses
Short, Word, Short Accesses
Byte, Word, Short, Byte Accesses
Word, Word Accesses
Burst (Aligned)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77