Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80960 Fiches technique(PDF) 5 Page - Intel Corporation

No de pièce 80960
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

80960 Fiches technique(HTML) 5 Page - Intel Corporation

  80960 Datasheet HTML 1Page - Intel Corporation 80960 Datasheet HTML 2Page - Intel Corporation 80960 Datasheet HTML 3Page - Intel Corporation 80960 Datasheet HTML 4Page - Intel Corporation 80960 Datasheet HTML 5Page - Intel Corporation 80960 Datasheet HTML 6Page - Intel Corporation 80960 Datasheet HTML 7Page - Intel Corporation 80960 Datasheet HTML 8Page - Intel Corporation 80960 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
Advance Information Datasheet
5
80960JA/JF/JD/JT 3.3 V Microprocessor
Tables
1
80960Jx Instruction Set....................................................................................... 13
2
Pin Description Nomenclature............................................................................. 16
3
Pin Description — External Bus Signals ............................................................. 17
4
Pin Description — Processor Control Signals, Test Signals and Power ............. 20
5
Pin Description — Interrupt Unit Signals ............................................................. 21
6
132-Lead PGA Pinout — In Signal Order............................................................ 24
7
132-Lead PGA Pinout — In Pin Order ................................................................ 25
8
132-Lead PQFP Pinout — In Signal Order ......................................................... 27
9
132-Lead PQFP Pinout — In Pin Order .............................................................. 28
10
196-Ball MPBGA Pinout — In Signal Order ........................................................ 31
11
196-Ball MPBGA Pinout — In Pin Order ............................................................. 33
12
132-Lead PGA Package Thermal Characteristics............................................... 35
13
196-Ball MPBGA Package Thermal Characteristics ........................................... 35
14
132-Lead PQFP Package Thermal Characteristics ............................................ 36
15
Maximum TA at Various Airflows in °C (80960JT)...............................................36
16
Maximum TA at Various Airflows in °C (80960JD) ..............................................37
17
Maximum TA at Various Airflows in °C (80960JA/JF)..........................................37
18
Absolute Maximum Ratings................................................................................. 39
19
80960Jx Operating Conditions ............................................................................ 39
20
VDIFF Parameters .............................................................................................. 40
21
80960Jx DC Characteristics................................................................................ 42
22
80960Jx ICC Characteristics................................................................................42
23
80960Jx AC Characteristics ................................................................................ 44
24
Note Definitions for Table 23, 80960Jx AC Characteristics (pg. 44) ................... 47
25
Boundary-Scan Register Bit Order...................................................................... 69
26
Natural Boundaries for Load and Store Accesses .............................................. 70
27
Summary of Byte Load and Store Accesses....................................................... 70
28
Summary of Short Word Load and Store Accesses............................................ 70
29
Summary of n-Word Load and Store Accesses (n = 1, 2, 3, 4)........................... 71
30
80960Jx Device Type and Stepping Reference .................................................. 74
31
Fields of 80960JT Device ID ............................................................................... 75
32
80960JT Device ID Model Types ........................................................................ 75
33
Fields of 80960JD Device ID............................................................................... 76
34
80960JD Device ID Model Types........................................................................ 76
35
Fields of 80960JA/JF Device ID .......................................................................... 77
36
80960JA/JF Device ID Model Types ................................................................... 77
37
Data Sheet Revision History ............................................................................... 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77