Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM8232 Fiches technique(PDF) 44 Page - Cirrus Logic

No de pièce WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Fiches technique(HTML) 44 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 40Page - Cirrus Logic WM8232 Datasheet HTML 41Page - Cirrus Logic WM8232 Datasheet HTML 42Page - Cirrus Logic WM8232 Datasheet HTML 43Page - Cirrus Logic WM8232 Datasheet HTML 44Page - Cirrus Logic WM8232 Datasheet HTML 45Page - Cirrus Logic WM8232 Datasheet HTML 46Page - Cirrus Logic WM8232 Datasheet HTML 47Page - Cirrus Logic WM8232 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 141 page
background image
WM8232
44
Rev 4.6
SCENARIO 2
In this scenario, Coarse Adjust and Fine Adjust Calibration is enabled for the 1st line, with the Fine
Adjust result updated on the 1st line only. This scenario is suitable for adjusting for black-level D.C.
drift on a frame-by-frame basis; there will be no line-by-line variation in the black-level from the BLC
circuitry. Table 15 shows which registers are required for this scenario with example settings.
SETUP
REGISTER
BPIX_AVAIL
CADUR
FRAME_START
Value
50
2
1
Table 15 Example Register Settings for Scenario 2
Black Pixels
Image Pixels
Line 1
Line 2
Line 3
Line 4
Line 5
Line 6
Line 7
Line n
- - -
- - -
- - -
Auto Fine Adjust clear
Use Fine Adjust Result here
Use Fine Adjust Result here
Use Fine Adjust Result here
Use Fine Adjust Result here
Use Fine Adjust Result here
Use Fine Adjust Result here
Use Fine Adjust Result here
Use Fine Adjust Result here
Use Fine Adjust Result here
Use Fine Adjust Result here
Use Fine Adjust Result here
Figure 30 Scenario 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More