| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8232 Fiches technique(PDF) 38 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8232 Fiches technique(HTML) 38 Page - Cirrus Logic |
|
38 / 141 page ![]() WM8232 38 Rev 4.6 Channel ID Setting Limitation There are some notices to assign channel ID. It’s depending on LVDS output format (refer to OUTPUT DATA FORMAT). 1) 10-bit 5pair mode LVDS output In this mode, channel ID will be IN1 only. ID indicate IN1 A D5 S0 S1 S2 IN1[0] IN1[1] IN1[2] IN1[3] D4 IN1[4] IN1[5] IN1[6] IN1[7] IN1[8] IN1[9] S3 D3 S4 IN2[0] IN2[1] IN2[2] IN2[3] IN2[4] IN2[5] D2 IN2[6] IN2[7] IN2[8] IN2[9] IN3[0] IN3[1] IN3[2] D1 IN3[3] IN3[4] IN3[5] IN3[6] IN3[7] IN3[8] IN3[9] DCLK H H L L L H H 2) 16-bit 5pair mode LVDS output In this mode, channel ID will be IN1, IN2 and IN3. A D5 S0 S1 S2 IN1[0] IN1[1] IN1[2] IN1[3] D4 IN1[4] IN1[5] IN1[6] IN1[7] IN1[8] IN1[9] IN1[10] D3 IN1[11] IN1[12] IN1[13] IN1[14] IN1[15] IN2[0] IN2[1] D2 IN2[2] IN2[3] IN2[4] IN2[5] IN2[6] IN2[7] IN2[8] D1 IN2[9] IN2[10] IN2[11] IN2[12] IN2[13] IN2[14] IN2[15] DCLK H H L L L H H B D5 S0 S1 S2 INP3[0] INP3[1] INP3[2] INP3[3] D4 INP3[4] INP3[5] INP3[6] INP3[7] INP3[8] INP3[9] INP3[10] D3 INP3[11] INP3[12] INP3[13] INP3[14] INP3[15] INP1[0] INP1[1] D2 INP1[2] INP1[3] INP1[4] INP1[5] INP1[6] INP1[7] INP1[8] D1 INP1[9] INP1[10] INP1[11] INP1[12] INP1[13] INP1[14] INP1[15] DCLK H H L L L H H C D5 S0 S1 S2 INP2[0] INP2[1] INP2[2] INP2[3] D4 INP2[4] INP2[5] INP2[6] INP2[7] INP2[8] INP2[9] INP2[10] D3 INP2[11] INP2[12] INP2[13] INP2[14] INP2[15] INP3[0] INP3[1] D2 INP3[2] INP3[3] INP3[4] INP3[5] INP3[6] INP3[7] INP3[8] D1 INP3[9] INP3[10] INP3[11] INP3[12] INP3[13] INP3[14] INP3[15] DCLK H H L L L H H |