| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8232 Fiches technique(PDF) 40 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8232 Fiches technique(HTML) 40 Page - Cirrus Logic |
|
40 / 141 page ![]() WM8232 40 Rev 4.6 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION 1111 = always high R12 (0Ch) 3:0 FLAG_S4[3:0] 0000 output dataflag as S4 (valid only LVDS mode) 0000 = always low, 0001 = start flag 0010 = reserved, 0011 = reserved, 0100 = reserved 0101 = channel ID[0], 0110 = channel ID[1], 0111 = reserved, 1000 = reserved 1001 = reserved, 1010 = reserved, 1011 = reserved, 1100 = reserved, 1101 = reserved, 1110 = reserved 1111 = always high TG MASK TIMING The WM8232 has a TG clock mask function. M1, M2 and M3 pulses specify the mask period; T1 and T2 pulses are used for changing the signal polarity during the mask period. C_CK1 and C_CK2 are applied to the M pulse only; they cannot be applied to the T pulse. C_CK3 and C_CK4 are applied to M1 and T1; C_CK5 and C_CK6 are applied to M2 and T2. The mask timing is synchronized with TGCKO rise edge. N-1 N CKGO3 (Internal) VSMP TGCK pixcnt TGCKO N+1 M-2 N+2 M+1 C_CK3 M+2 M+3 M-1 N+3 k M2@TGCK M2@TGCK O rise@count N High@TP2 CKGO3 + M2 T2@TGCK T2@TGCK O Low@TP1 P1 TP1 P2 TP2 M M-1 fall@count M-1 TP1 TP2 Figure 25 TG Mask Timing TG CLOCK APPLIED “M” PULSE APPLIED “T” PULSE C_CK1 C_CK2 M3 none C_CK3 C_CK4 M1 T1 C_CK5 C_CK6 M2 T2 |