| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5480 Fiches technique(PDF) 44 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5480 Fiches technique(HTML) 44 Page - Cirrus Logic |
|
44 / 70 page ![]() CS5480 44 DS980F3 6.6.9 Pulse Output Control (PulseCtrl) – Page 0, Address 9 Default = 0x00 0000 This register controls the input to the energy pulse generation block (EPGx). [23:12] Reserved. EPGxIN[3:0] Selects the input to the energy pulse generation block (EPGx). 0000 = P1AVG (Default) 0001 = P2AVG 0010 = PSUM 0011 = Q1AVG 0100 = Q2AVG 0101 = QSUM 0110 = S1 0111 = S2 1000 = SSUM 1001 = Unused ... 1111 = Unused 6.6.10 Register Lock Control (RegLock) – Page 0, Address 34 Default = 0x00 0000 [23:13] Reserved. DSP_LCK[4:0] DSP_LCK[4:0] = 0x16 sets the DSP lockable registers to be write protected from the CS5480 internal calculation engine. Writing 0x09 unlocks the registers. [7:5] Reserved. HOST_LCK[4:0] HOST_LCK[4:0] = 0x16 sets all the registers except RegLock, Status0, Status1, and Status2 to be write protected from the serial interface. Writing 0x09 unlocks the registers. 23 22 21 20 19 18 17 16 -- -- -- -- 15 14 13 12 11 10 9 8 - - - - EPG3IN[3] EPG3IN[2] EPG3IN[1] EPG3IN[0] 7 654 32 10 EPG2IN[3] EPG2IN[2] EPG2IN[1] EPG2IN[0] EPG1IN[3] EPG1IN[2] EPG1IN[1] EPG1IN[0] 23 22 21 20 19 18 17 16 -- -- -- -- 15 14 13 12 11 10 9 8 - - - DSP_LCK[4] DSP_LCK[3] DSP_LCK[2] DSP_LCK[1] DSP_LCK[0] 7 654 32 10 - - - HOST_LCK[4] HOST_LCK[3] HOST_LCK[2] HOST_LCK[1] HOST_LCK[0] |