| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5480 Fiches technique(PDF) 31 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5480 Fiches technique(HTML) 31 Page - Cirrus Logic |
|
31 / 70 page ![]() CS5480 DS980F3 31 6.2 Hardware Registers Summary (Page 0) Address2 RA[5:0] Name Description1 DSP3 HOST 3 Default 0* 00 0000 Config0 Configuration 0 Y Y 0x C0 2000 1* 00 0001 Config1 Configuration 1 Y Y 0x 00 EEEE 2 00 0010 - Reserved - 3* 00 0011 Mask Interrupt Mask Y Y 0x 00 0000 4 00 0100 - Reserved - 5* 00 0101 PC Phase Compensation Control Y Y 0x 00 0000 6 00 0110 - Reserved - 7* 00 0111 SerialCtrl UART Control Y Y 0x 02 004D 8* 00 1000 PulseWidth Energy Pulse Width Y Y 0x 00 0001 9* 00 1001 PulseCtrl Energy Pulse Control Y Y 0x 00 0000 10 00 1010 - Reserved - 11 00 1011 - Reserved - 12 00 1100 - Reserved - 13 00 1101 - Reserved - 14 00 1110 - Reserved - 15 00 1111 - Reserved - 16 01 0000 - Reserved - 17 01 0001 - Reserved - 18 01 0010 - Reserved - 19 01 0011 - Reserved - 20 01 0100 - Reserved - 21 01 0101 - Reserved - 22 01 0110 - Reserved - 23 01 0111 Status0 Interrupt Status N N 0x 80 0000 24 01 1000 Status1 Chip Status 1 N N 0x 80 1800 25 01 1001 Status2 Chip Status 2 N N 0x 00 0000 26 01 1010 - Reserved - 27 01 1011 - Reserved - 28 01 1100 - Reserved - 29 01 1101 - Reserved - 30 01 1110 - Reserved - 31 01 1111 - Reserved - 32 10 0000 - Reserved - 33 10 0001 - Reserved - 34* 10 0010 RegLock Register Lock Control N N 0x 00 0000 35 10 0011 - Reserved - 36 10 0100 V1PEAK V1 Peak Voltage N Y 0x 00 0000 37 10 0101 I1PEAK I1 Peak Current N Y 0x 00 0000 38 10 0110 V2PEAK V2 Peak Voltage N Y 0x 00 0000 39 10 0111 I2PEAK I2 Peak Current N Y 0x 00 0000 40 10 1000 - Reserved - 41 10 1001 - Reserved - 42 10 1010 - Reserved - 43 10 1011 - Reserved - 44 10 1100 - Reserved - 45 10 1101 - Reserved - 46 10 1110 - Reserved - 47 10 1111 - Reserved - 48 11 0000 PSDC Phase Sequence Detection & Control N Y 0x 00 0000 49 11 0001 - Reserved - 50 11 0010 - Reserved - |