| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5480 Fiches technique(PDF) 56 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5480 Fiches technique(HTML) 56 Page - Cirrus Logic |
|
56 / 70 page ![]() CS5480 56 DS980F3 6.6.49 Active Power 2 (P2AVG) – Page 16, Address 11 Default = 0x00 0000 Instantaneous power is averaged over each low-rate interval (SampleCount samples) to compute active pow- er (P2AVG). This is a two's complement value in the range of -1.0 value1.0, with the binary point to the right of the MSB. 6.6.50 RMS Current 2 (I2RMS) – Page 16, Address 12 Default = 0x00 0000 I2RMS contains the root mean square (RMS) value of I2, calculated during each low-rate interval. This is an unsigned value in the range of 0 value1.0, with the binary point to the left of the MSB. 6.6.51 RMS Voltage 2 (V2RMS) – Page 16, Address 13 Default = 0x00 0000 V2RMS contains the root mean square (RMS) value of V2, calculated during each low-rate interval. This is an unsigned value in the range of 0 value1.0, with the binary point to the left of the MSB. 6.6.52 Reactive Power 1 (Q1Avg) – Page 16, Address 14 Default = 0x00 0000 Reactive power 1 (Q1AVG) is Q1 averaged over each low-rate interval (SampleCount samples) and corrected by Q1OFF. This is a two's complement value in the range of -1.0 value1.0, with the binary point to the right of the MSB. 6.6.53 Instantaneous Quadrature Power 1 (Q1) – Page 16, Address 15 Default = 0x00 0000 Instantaneous quadrature power, Q1, the product of V1 shifted 90 degrees and I1. This is a two's complement value in the range of -1.0 value1.0, with the binary point to the right of the MSB. MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB 2-1 2-2 2-3 2-4 2-5 2-6 2-7 2-8 ..... 2-18 2-19 2-20 2-21 2-22 2-23 2-24 MSB LSB 2-1 2-2 2-3 2-4 2-5 2-6 2-7 2-8 ..... 2-18 2-19 2-20 2-21 2-22 2-23 2-24 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 |