| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5480 Fiches technique(PDF) 35 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5480 Fiches technique(HTML) 35 Page - Cirrus Logic |
|
35 / 70 page ![]() CS5480 DS980F3 35 6.4 Software Registers Summary (Page 17) Address2 RA[5:0] Name Description1 DSP3 HOST 3 Default 0* 00 0000 V1SagDUR V1 Sag Duration Y Y 0x 00 0000 1* 00 0001 V1SagLEVEL V1 Sag Level Y Y 0x 00 0000 2 00 0010 - Reserved - 3 00 0011 - Reserved - 4* 00 0100 I1OverDUR I1 Overcurrent Duration Y Y 0x 00 0000 5* 00 0101 I1OverLEVEL I1 Overcurrent Level Y Y 0x 7F FFFF 6 00 0110 - Reserved - 7 00 0111 - Reserved - 8* 00 1000 V2SagDUR V2 Sag Duration Y Y 0x 00 0000 9* 00 1001 V2SagLEVEL V2 Sag Level Y Y 0x 00 0000 10 00 1010 - Reserved - 11 00 1011 - Reserved - 12* 00 1100 I2OverDUR I2 Overcurrent Duration Y Y 0x 00 0000 13* 00 1101 I2OverLEVEL I2 Overcurrent Level Y Y 0x 7F FFFF 14 00 1110 - Reserved - 15 00 1111 - Reserved - 16 01 0000 - Reserved - 17 01 0001 - Reserved - 18 01 0010 - Reserved - 19 01 0011 - Reserved - 20 01 0100 - Reserved - 21 01 0101 - Reserved - 22 01 0110 - Reserved - 23 01 0111 - Reserved - 24 01 1000 - Reserved - 25 01 1001 - Reserved - 26 01 1010 - Reserved - 27 01 1011 - Reserved - 28 01 1100 - Reserved - 29 01 1101 - Reserved - 30 01 1110 - Reserved - 31 01 1111 - Reserved - Notes: (1) Warning: Do not write to unpublished or reserved register locations. (2) * Registers with checksum protection. (3) Registers that can be set to write protect from DSP and/or HOST. |