Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS53L30 Fiches technique(PDF) 4 Page - Cirrus Logic

No de pièce CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Fiches technique(HTML) 4 Page - Cirrus Logic

  CS53L30 Datasheet HTML 1Page - Cirrus Logic CS53L30 Datasheet HTML 2Page - Cirrus Logic CS53L30 Datasheet HTML 3Page - Cirrus Logic CS53L30 Datasheet HTML 4Page - Cirrus Logic CS53L30 Datasheet HTML 5Page - Cirrus Logic CS53L30 Datasheet HTML 6Page - Cirrus Logic CS53L30 Datasheet HTML 7Page - Cirrus Logic CS53L30 Datasheet HTML 8Page - Cirrus Logic CS53L30 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
4
DS992F2
CS53L30
1 Pin Descriptions
1 Pin Descriptions
1.1 WLCSP
Figure 1-1. Top-Down (Through-Package) View—30-Ball WLCSP Package
IN1+/DMIC1_
SD
IN2+
IN3+/DMIC2_
SD
IN4+
VA
FILT+
IN1–
IN2–
IN3–
IN4–
GNDA
VP
DMIC2_SCLK/
AD1
DMIC1_SCLK
ASP_LRCK/
FSYNC
MIC1_BIAS
MIC2_BIAS
MIC3_BIAS
ASP_SDOUT1
ASP_SCLK
SCL
SYNC
MIC4_BIAS
MIC_BIAS_
FILT
MCLK
SDA
ASP_SDOUT2/
AD0
GNDD
RESET
MUTE
A1
A2
A3
A4
A5
A6
B1
B2
B3
B4
B5
B6
C1
C2
C3
C4
C5
C6
D1
D2
D3
D4
D5
D6
E1
E2
E3
E4
E5
E6
Filter pins
Analog outputs
Digital I/O
Power
Capture-path pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67