Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS53L30 Fiches technique(PDF) 46 Page - Cirrus Logic

No de pièce CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Fiches technique(HTML) 46 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 42Page - Cirrus Logic CS53L30 Datasheet HTML 43Page - Cirrus Logic CS53L30 Datasheet HTML 44Page - Cirrus Logic CS53L30 Datasheet HTML 45Page - Cirrus Logic CS53L30 Datasheet HTML 46Page - Cirrus Logic CS53L30 Datasheet HTML 47Page - Cirrus Logic CS53L30 Datasheet HTML 48Page - Cirrus Logic CS53L30 Datasheet HTML 49Page - Cirrus Logic CS53L30 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
46
DS992F2
CS53L30
6 Register Quick Reference
0x1B LRCK Control 1
LRCK_TPWH[10:3]
p. 51
00000
000
0x1C LRCK Control 2
—
LRCK_50_NPW
LRCK_TPWH[2:0]
p. 51
00000
000
0x1D–
0x1E
Reserved
—
00000
000
0x1F MUTE Pin Control 1
MUTE_PDN_
ULP
MUTE_PDN_LP
—
MUTE_M4B_
PDN
MUTE_M3B_
PDN
MUTE_M2B_
PDN
MUTE_M1B_
PDN
MUTE_MB_
ALL_PDN
p. 51
00000
000
0x20 MUTE Pin Control 2
MUTE_PIN_
POLARITY
MUTE_ASP_
TDM_PDN
MUTE_ASP_
SDOUT2_PDN
MUTE_ASP_
SDOUT1_PDN
MUTE_ADC2B_
PDN
MUTE_ADC2A_
PDN
MUTE_ADC1B_
PDN
MUTE_ADC1A_
PDN
p. 51
10000
000
0x21 Input Bias Control 1
IN4M_BIAS[1:0]
IN4P_BIAS[1:0]
IN3M_BIAS[1:0]
IN3P_BIAS[1:0]
p. 52
10101
010
0x22 Input Bias Control 2
IN2M_BIAS[1:0]
IN2P_BIAS[1:0]
IN1M_BIAS[1:0]
IN1P_BIAS[1:0]
p. 52
10101
010
0x23 DMIC1 Stereo Control
—
DMIC1_
STEREO_ENB
—
p. 52
10101
000
0x24 DMIC2 Stereo Control
—
DMIC2_
STEREO_ENB
—
p. 52
11101
100
0x25 ADC1/DMIC1 Control 1 ADC1B_PDN
ADC1A_PDN
—
DMIC1_PDN
DMIC1_SCLK_
DIV
CH_TYPE
p. 52
00000
100
0x26 ADC1/DMIC1 Control 2 ADC1_NOTCH_
DIS
—
ADC1B_INV
ADC1A_INV
—
ADC1B_DIG_
BOOST
ADC1A_DIG_
BOOST
p. 53
00000
000
0x27 ADC1 Control 3
—
ADC1_HPF_EN
ADC1_HPF_CF[1:0]
ADC1_NG_ALL
p. 53
00001
000
0x28 ADC1 Noise Gate
Control
ADC1B_NG
ADC1A_NG
ADC1_NG_
BOOST
ADC1_NG_THRESH[2:0]
ADC1_NG_DELAY[1:0]
p. 54
00000
000
0x29 ADC1A AFE Control
ADC1A_PREAMP[1:0]
ADC1A_PGA_VOL[5:0]
p. 54
00000
000
0x2A ADC1B AFE Control
ADC1B_PREAMP[1:0]
ADC1B_PGA_VOL[5:0]
p. 54
00000
000
0x2B ADC1A Digital Volume
ADC1A_VOL[7:0]
p. 54
00000
000
0x2C ADC1B Digital Volume
ADC1B_VOL[7:0]
p. 54
00000
000
0x2D ADC2/DMIC2 Control 1 ADC2B_PDN
ADC2A_PDN
—
DMIC2_PDN
DMIC2_SCLK_
DIV
—
p. 55
00000
100
0x2E ADC2/DMIC2 Control 2 ADC2_NOTCH_
DIS
—
ADC2B_INV
ADC2A_INV
—
ADC2B_DIG_
BOOST
ADC2A_DIG_
BOOST
p. 55
00000
000
0x2F ADC2 Control 3
—
ADC2_HPF_EN
ADC2_HPF_CF[1:0]
ADC2_NG_ALL
p. 55
00001
000
0x30 ADC2 Noise Gate
Control
ADC2B_NG
ADC2A_NG
ADC2_NG_
BOOST
ADC2_NG_THRESH[2:0]
ADC2_NG_DELAY[1:0]
p. 56
00000
000
0x31 ADC2A AFE Control
ADC2A_PREAMP[1:0]
ADC2A_PGA_VOL[5:0]
p. 56
00000
000
0x32 ADC2B AFE Control
ADC2B_PREAMP[1:0]
ADC2B_PGA_VOL[5:0]
p. 56
00000
000
0x33 ADC2A Digital Volume
ADC2A_VOL[7:0]
p. 56
00000
000
0x34 ADC2B Digital Volume
ADC2B_VOL[7:0]
p. 56
00000
000
0x35 Device Interrupt Mask
M_PDN_DONE M_THMS_TRIP
M_SYNC_
DONE
M_ADC2B_
OVFL
M_ADC2A_
OVFL
M_ADC1B_
OVFL
M_ADC1A_
OVFL
M_MUTE_PIN
p. 57
11111
111
0x36 Device Interrupt Status
(Read Only)
PDN_DONE
THMS_TRIP
SYNC_DONE
ADC2B_OVFL
ADC2A_OVFL
ADC1B_OVFL
ADC1A_OVFL
MUTE_PIN
p. 57
xxxxxxxx
0x37–
0x7F
Reserved
—
00000
000
Adr.
Function
76543
210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67