| Moteur de recherche de fiches techniques de composants électroniques |
|
CS53L30 Fiches technique(PDF) 31 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS53L30 Fiches technique(HTML) 31 Page - Cirrus Logic |
|
31 / 67 page ![]() DS992F2 31 CS53L30 4.7 TDM Mode 4.7.2 Bursted SCLK After all the data is sent on the TDM bus, it is not necessary to continue to toggle SCLK for the remaining unused slots. Not toggling SCLK after all data is sent and received saves power, by avoiding driving the output and clock capacitances unnecessarily. When the device is operating as a timing slave, bursted SCLK is naturally supported, since data is clocked out only when SCLK toggles. When the device is operating as a timing master, bursted SCLK is not supported. 6.0000 8.000 48 366 11.025 48 160 12.000 48 116 16.000 46 7 22.050 34 0 24.000 31 2 32.000 23 4 44.100 17 0 48.000 15 5 12.0000 8.000 48 1116 11.025 48 704 12.000 48 616 16.000 48 366 22.050 48 160 24.000 48 116 32.000 46 8 44.100 34 0 48.000 31 2 6.1440 8.000 48 384 11.025 48 173 12.000 48 128 16.000 48 0 22.050 34 6 24.000 32 0 32.000 24 0 44.100 17 3 48.000 16 0 12.2880 8.000 48 1152 11.025 48 731 12.000 48 640 16.000 48 384 22.050 48 173 24.000 48 128 32.000 48 0 44.100 34 6 48.000 32 0 6.4000 1 8.000 48 416 11.025 48 196 12.000 48 149 16.000 48 16 22.050 36 2 24.000 33 2 32.000 25 0 44.100 18 1 48.000 16 5 1. 6.4 MHz is the highest SCLK frequency allowed if MCLK_19MHZ_EN is set. Table 4-3. Slot Count and Resulting Unused Clock Cycles for Supported SCLK and Sample Rates (Cont.) SCLK Frequency [MHz] FSYNC Sample Rate [kHz] Number of Available Slots Resulting Number of Unused SCLK Cycles |