| Moteur de recherche de fiches techniques de composants électroniques |
|
CS53L30 Fiches technique(PDF) 5 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS53L30 Fiches technique(HTML) 5 Page - Cirrus Logic |
|
5 / 67 page ![]() DS992F2 5 CS53L30 1.2 QFN 1.2 QFN Figure 1-2. Top-Down (Through-Package) View—32-Pin QFN Package 1.3 Pin Descriptions Table 1-1. Pin Descriptions Name Ball # Pin # Power Supply I/O Description Internal Connection Driver Receiver State at Reset IN1+/DMIC1_SD IN2+ IN3+/DMIC2_SD IN4+ A1 A2 A3 A4 31 1 3 5 VA I Noninverting Inputs/DMIC Inputs. Positive analog inputs for the stereo ADCs when CH_TYPE = 0 (default) or DMIC inputs when CH_TYPE = 1. Programmable — Hysteresis on CMOS input — IN1– IN2– IN3– IN4– B1 B2 B3 B4 32 2 4 6 VA I Inverting Inputs. Negative analog inputs for the stereo ADCs when CH_TYPE = 0 (default) or unused when CH_TYPE = 1. Programmable — Hysteresis on CMOS input — Thermal Pad 10 9 8 7 6 5 4 3 2 1 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 SCL ASP_SDOUT2/AD0 ASP_LRCK/FSYNC VA GNDD SYNC RESET INT GNDA VA IN4– IN4+ IN3– IN3+/DMIC2_SD IN2– IN2+ Capture-Path Pins |