Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VL53L0X Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce VL53L0X
Description  World smallest Time-of-Flight ranging and gesture detection sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L0X Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button VL53L0X Datasheet HTML 32Page - STMicroelectronics VL53L0X Datasheet HTML 33Page - STMicroelectronics VL53L0X Datasheet HTML 34Page - STMicroelectronics VL53L0X Datasheet HTML 35Page - STMicroelectronics VL53L0X Datasheet HTML 36Page - STMicroelectronics VL53L0X Datasheet HTML 37Page - STMicroelectronics VL53L0X Datasheet HTML 38Page - STMicroelectronics VL53L0X Datasheet HTML 39Page - STMicroelectronics VL53L0X Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
DocID029104 Rev 1
37/40
VL53L0X
Ordering information
37
9
Ordering information
10
Acronyms and abbreviations
Table 17. Ordering information
Sales type
Package
Packing
VL53L0CXV0DH/1
Optical LGA12 with liner
Tape and reel
Table 18. Acronyms and abbreviations
Acronym/ abbreviation
Definition
ESD
Electrostatic discharge
I2C
Inter-integrated circuit (serial bus)
NVM
Non volatile memory
RIT
Return Ignore Threshold
SPAD
Single photon avalanche diode
VCSEL
Vertical cavity surface emitting laser



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40