Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VL53L0X Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce VL53L0X
Description  World smallest Time-of-Flight ranging and gesture detection sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L0X Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button VL53L0X Datasheet HTML 8Page - STMicroelectronics VL53L0X Datasheet HTML 9Page - STMicroelectronics VL53L0X Datasheet HTML 10Page - STMicroelectronics VL53L0X Datasheet HTML 11Page - STMicroelectronics VL53L0X Datasheet HTML 12Page - STMicroelectronics VL53L0X Datasheet HTML 13Page - STMicroelectronics VL53L0X Datasheet HTML 14Page - STMicroelectronics VL53L0X Datasheet HTML 15Page - STMicroelectronics VL53L0X Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Functional description
VL53L0X
12/40
DocID029104 Rev 1
calibration temperature.
For more details on SPAD and temperature calibration please refer to the VL53L0X API
User Manual.
2.3.2
Ranging offset calibration
Ranging offset can be characterized by the mean offset, which is the centering of the
measurement versus the real distance.
Offset calibration should be performed at factory for optimal performances (recommended
at 10cm). The offset calibration should take into account:
•
Supply voltage and temperature
•
Protective cover glass above VL53L0X module
Figure 7. Range offset
2.3.3
Cross-talk calibration
Cross-talk is defined as the signal return from the cover glass. The magnitude of the cross-
talk depends on the type of glass and air gap. Cross-talk results in a range error which is
proportional to the ratio of the cross-talk to the signal return from the target.
Figure 8. Cross-talk compensation
Full offset and cross-talk calibration procedure is described in the VL53L0X API User
Manual.
Actual Range
p2p_offset
calibration
Actual Range
cross-talk
compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40