Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VL53L0X Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce VL53L0X
Description  World smallest Time-of-Flight ranging and gesture detection sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L0X Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button VL53L0X Datasheet HTML 28Page - STMicroelectronics VL53L0X Datasheet HTML 29Page - STMicroelectronics VL53L0X Datasheet HTML 30Page - STMicroelectronics VL53L0X Datasheet HTML 31Page - STMicroelectronics VL53L0X Datasheet HTML 32Page - STMicroelectronics VL53L0X Datasheet HTML 33Page - STMicroelectronics VL53L0X Datasheet HTML 34Page - STMicroelectronics VL53L0X Datasheet HTML 35Page - STMicroelectronics VL53L0X Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Laser safety considerations
VL53L0X
32/40
DocID029104 Rev 1
7
Laser safety considerations
The VL53L0X contains a laser emitter and corresponding drive circuitry. The laser output is
designed to remain within Class 1 laser safety limits under all reasonably foreseeable
conditions including single faults in compliance with IEC 60825-1:2014 (third edition).
The laser output will remain within Class 1 limits as long as the STMicroelectronics
recommended device settings (API settings) are used and the operating conditions
specified are respected.
The laser output power must not be increased by any means and no optics should be used
with the intention of focusing the laser beam.
Caution:
Use of controls or adjustments or performance of procedures other than those specified
herein may result in hazardous radiation exposure.
Figure 25. Class 1 laser product label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40