Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F779IGH7 Fiches technique(PDF) 99 Page - STMicroelectronics

No de pièce STM32F779IGH7
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IGH7 Fiches technique(HTML) 99 Page - STMicroelectronics

Back Button STM32F779IGH7 Datasheet HTML 95Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 96Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 97Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 98Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 99Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 100Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 101Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 102Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 255 page
background image
Port F
PF0
-
-
-
-
I2C2_SD
A
-
-
-
-
-
-
-
FMC_A0
-
-
EVEN
TOUT
PF1
-
-
-
-
I2C2_SC
L
-
-
-
-
-
-
-
FMC_A1
-
-
EVEN
TOUT
PF2
-
-
-
-
I2C2_SM
BA
-
-
-
-
-
-
-
FMC_A2
-
-
EVEN
TOUT
PF3
-
-
-
-
-
-
-
-
-
-
-
-
FMC_A3
-
-
EVEN
TOUT
PF4
-
-
-
-
-
-
-
-
-
-
-
-
FMC_A4
-
-
EVEN
TOUT
PF5
-
-
-
-
-
-
-
-
-
-
-
-
FMC_A5
-
-
EVEN
TOUT
PF6
-
-
-
TIM10_C
H1
-
SPI5_NS
S
SAI1_SD
_B
-
UART7_
Rx
QUADSP
I_BK1_IO
3
-
-
---
EVEN
TOUT
PF7
-
-
-
TIM11_CH
1
-
SPI5_SC
K
SAI1_M
CLK_B
-
UART7_T
x
QUADSP
I_BK1_IO
2
-
-
---
EVEN
TOUT
PF8
-
-
-
-
-
SPI5_MI
SO
SAI1_SC
K_B
-
UART7_
RTS
TIM13_C
H1
QUADSPI
_BK1_IO0
-
---
EVEN
TOUT
PF9
-
-
-
-
-
SPI5_M
OSI
SAI1_FS
_B
-
UART7_
CTS
TIM14_C
H1
QUADSPI
_BK1_IO1
-
---
EVEN
TOUT
PF10
-
-
-
-
-
-
-
-
-
QUADSP
I_CLK
--
-
DCMI_D
11
LCD_DE
EVEN
TOUT
PF11
-
-
-
-
-
SPI5_M
OSI
-
---
SAI2_SD_
B
-
FMC_SD
NRAS
DCMI_D
12
-
EVEN
TOUT
Table 12. STM32F777xx, STM32F778Ax and STM32F779xx alternate
function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
I2C4/UA
RT5/TIM
1/2
TIM3/4/5
TIM8/9/10/
11/LPTIM
1/DFSDM
1/CEC
I2C1/2/3/
4/USART
1/CEC
SPI1/I2S
1/SPI2/I2
S2/SPI3/
I2S3/SPI
4/5/6
SPI2/I2S
2/SPI3/I2
S3/SAI1/
I2C4/UA
RT4/DF
SDM1
SPI2/I2S
2/SPI3/I2
S3/SPI6/
USART1/
2/3/UART
5/DFSDM
1/SPDIF
SPI6/SAI
2/USART
6/UART4/
5/7/8/OT
G_FS/SP
DIF
CAN1/2/T
IM12/13/
14/QUAD
SPI/FMC/
LCD
SAI2/QU
ADSPI/S
DMMC2/D
FSDM1/O
TG2_HS/
OTG1_FS
/LCD
I2C4/CAN
3/SDMM
C2/ETH
UART7/
FMC/SD
MMC1/M
DIOS/OT
G2_FS
DCMI/L
CD/DSI
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More