Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F779IGH7 Fiches technique(PDF) 79 Page - STMicroelectronics

No de pièce STM32F779IGH7
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IGH7 Fiches technique(HTML) 79 Page - STMicroelectronics

Back Button STM32F779IGH7 Datasheet HTML 75Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 76Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 77Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 78Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 79Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 80Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 81Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 82Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 255 page
background image
DocID028294 Rev 4
79/255
STM32F777xx STM32F778Ax STM32F779xx
Pinouts and pin description
105
65
98
G14 117 140 G14 G8
121 140 G14
PC8
I/O FT
-
TRACED1, TIM3_CH3,
TIM8_CH3, UART5_RTS,
USART6_CK,
FMC_NE2/FMC_NCE,
SDMMC1_D0, DCMI_D2,
EVENTOUT
66
99
F14 118 141 F14
E1
122 141 F14
PC9
I/O FT
-
MCO2, TIM3_CH4,
TIM8_CH4, I2C3_SDA,
I2S_CKIN, UART5_CTS,
QUADSPI_BK1_IO0,
LCD_G3, SDMMC1_D1,
DCMI_D3, LCD_B2,
EVENTOUT
--
67 100 F15 119 142 F15
E2
123 142 F15
PA8
I/O FT
-
MCO1, TIM1_CH1,
TIM8_BKIN2, I2C3_SCL,
USART1_CK,
OTG_FS_SOF, CAN3_RX,
UART7_RX, LCD_B3,
LCD_R6, EVENTOUT
-
68 101 E15 120 143 E15
F4
124 143 E15
PA9
I/O FT
-
TIM1_CH2, I2C3_SMBA,
SPI2_SCK/I2S2_CK,
USART1_TX, DCMI_D0,
LCD_R5, EVENTOUT
OTG_FS_V
BUS
69 102 D15 121 144 D15
F5
125 144 D15
PA10
I/O FT
-
TIM1_CH3, USART1_RX,
LCD_B4, OTG_FS_ID,
MDIOS_MDIO, DCMI_D1,
LCD_B1, EVENTOUT
-
70 103 C15 122 145 C15
E3
126 145 C15
PA11
I/O FT
-
TIM1_CH4,
SPI2_NSS/I2S2_WS,
UART4_RX,
USART1_CTS, CAN1_RX,
OTG_FS_DM, LCD_R4,
EVENTOUT
-
Table 10. STM32F777xx, STM32F778Ax and STM32F779xx pin and
ball definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32F777xx
STM32F778Ax
STM32F779xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More