| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F779IGH7 Fiches technique(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F779IGH7 Fiches technique(HTML) 73 Page - STMicroelectronics |
|
73 / 255 page ![]() DocID028294 Rev 4 73/255 STM32F777xx STM32F778Ax STM32F779xx Pinouts and pin description 105 40 63 R9 73 84 R9 J6 73 84 R9 PE10 I/O FT - TIM1_CH2N, DFSDM1_DATIN4, UART7_CTS, QUADSPI_BK2_IO3, FMC_D7, EVENTOUT - 41 64 P10 74 85 P10 K6 74 85 P10 PE11 I/O FT - TIM1_CH2, SPI4_NSS, DFSDM1_CKIN4, SAI2_SD_B, FMC_D8, LCD_G3, EVENTOUT - 42 65 R10 75 86 R10 L6 75 86 R10 PE12 I/O FT - TIM1_CH3N, SPI4_SCK, DFSDM1_DATIN5, SAI2_SCK_B, FMC_D9, LCD_B4, EVENTOUT - 43 66 N11 76 87 R12 P6 76 87 R12 PE13 I/O FT - TIM1_CH3, SPI4_MISO, DFSDM1_CKIN5, SAI2_FS_B, FMC_D10, LCD_DE, EVENTOUT - 44 67 P11 77 88 P11 N6 77 88 P11 PE14 I/O FT - TIM1_CH4, SPI4_MOSI, SAI2_MCLK_B, FMC_D11, LCD_CLK, EVENTOUT - 45 68 R11 78 89 R11 M6 78 89 R11 PE15 I/O FT - TIM1_BKIN, FMC_D12, LCD_R7, EVENTOUT - 46 69 R12 79 90 P12 K5 79 90 P12 PB10 I/O FT - TIM2_CH3, I2C2_SCL, SPI2_SCK/I2S2_CK, DFSDM1_DATIN7, USART3_TX, QUADSPI_BK1_NCS, OTG_HS_ULPI_D3, ETH_MII_RX_ER, LCD_G4, EVENTOUT - Table 10. STM32F777xx, STM32F778Ax and STM32F779xx pin and ball definitions (continued) Pin Number Alternate functions Additional functions STM32F777xx STM32F778Ax STM32F779xx |