Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F779IGH7 Fiches technique(PDF) 72 Page - STMicroelectronics

No de pièce STM32F779IGH7
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IGH7 Fiches technique(HTML) 72 Page - STMicroelectronics

Back Button STM32F779IGH7 Datasheet HTML 68Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 69Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 70Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 71Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 72Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 73Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 74Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 75Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 255 page
background image
Pinouts and pin description
STM32F777xx STM32F778Ax STM32F779xx
72/255
DocID028294 Rev 4
-
51
M8
61
72
K7
P9
61
72
K7
VSS
S
-
-
-
-
52
N8
6273L8
M8
6273L8
VDD
S
-
-
-
-
53
N6
63
74
N6
L8
63
74
N6
PF13
I/O FT
-
I2C4_SMBA,
DFSDM1_DATIN6,
FMC_A7, EVENTOUT
-
-
54
R7
64
75
P6
K8
64
75
P6
PF14
I/O FT
-
I2C4_SCL,
DFSDM1_CKIN6,
FMC_A8, EVENTOUT
-
-
55
P7
65
76
M8
P8
65
76
M8
PF15
I/O FT
-
I2C4_SDA, FMC_A9,
EVENTOUT
-
-
56
N7
66
77
N7
N8
66
77
N7
PG0
I/O FT
-
FMC_A10, EVENTOUT
-
-
57
M7
67
78
M7
L7
67
78
M7
PG1
I/O FT
-
FMC_A11, EVENTOUT
-
37
58
R8
68
79
R8
M7
68
79
R8
PE7
I/O FT
-
TIM1_ETR,
DFSDM1_DATIN2,
UART7_RX,
QUADSPI_BK2_IO0,
FMC_D4, EVENTOUT
-
38
59
P8
69
80
N9
N7
69
80
N9
PE8
I/O FT
-
TIM1_CH1N,
DFSDM1_CKIN2,
UART7_TX,
QUADSPI_BK2_IO1,
FMC_D5, EVENTOUT
-
39
60
P9
70
81
P9
P7
70
81
P9
PE9
I/O FT
-
TIM1_CH1,
DFSDM1_CKOUT,
UART7_RTS,
QUADSPI_BK2_IO2,
FMC_D6, EVENTOUT
-
-
61
M9
71
82
K8
-
71
82
K8
VSS
S
-
-
-
-
-
62
N9
72
83
L9
-
72
83
L9
VDD
S
-
-
-
-
Table 10. STM32F777xx, STM32F778Ax and STM32F779xx pin and
ball definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32F777xx
STM32F778Ax
STM32F779xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More