Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F410CB Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce STM32F410CB
Description  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410CB Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button STM32F410CB Datasheet HTML 41Page - STMicroelectronics STM32F410CB Datasheet HTML 42Page - STMicroelectronics STM32F410CB Datasheet HTML 43Page - STMicroelectronics STM32F410CB Datasheet HTML 44Page - STMicroelectronics STM32F410CB Datasheet HTML 45Page - STMicroelectronics STM32F410CB Datasheet HTML 46Page - STMicroelectronics STM32F410CB Datasheet HTML 47Page - STMicroelectronics STM32F410CB Datasheet HTML 48Page - STMicroelectronics STM32F410CB Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 142 page
background image
DocID028094 Rev 5
45/142
STM32F410x8/B
Memory mapping
47
Table 11. STM32F410x8/B register boundary addresses(1)
Bus
Boundary address
Peripheral
-
0xE010 0000 - 0xFFFF FFFF
Reserved
Cortex®-M4
0xE000 0000 - 0xE00F FFFF
Cortex-M4 internal peripherals
-
0x5000 0000 - 0xDFFF FFFF
Reserved
AHB1
0x4008 0400 - 0x4FFF FFFF
Reserved
0x4008 0000 - 0x4008 03FF
RNG
0x4002 6800 - 0x4007 FFFF
Reserved
0x4002 6400 - 0x4002 67FF
DMA2
0x4002 6000 - 0x4002 63FF
DMA1
0x4002 5000 - 0x4002 4FFF
Reserved
0x4002 3C00 - 0x4002 3FFF
Flash interface register
0x4002 3800 - 0x4002 3BFF
RCC
0x4002 3400 - 0x4002 37FF
Reserved
0x4002 3000 - 0x4002 33FF
CRC
0x4002 2800 - 0x4002 2FFF
Reserved
0x4002 2400 - 0x4002 27FF
LPTIM1
0x4002 2000 - 0x4002 23FF
Reserved
0x4002 1C00 - 0x4002 1FFF
GPIOH
0x4002 0C00 - 0x4002 1BFF
Reserved
0x4002 0800 - 0x4002 0BFF
GPIOC
0x4002 0400 - 0x4002 07FF
GPIOB
0x4002 0000 - 0x4002 03FF
GPIOA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More