Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F410CB Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce STM32F410CB
Description  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410CB Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button STM32F410CB Datasheet HTML 73Page - STMicroelectronics STM32F410CB Datasheet HTML 74Page - STMicroelectronics STM32F410CB Datasheet HTML 75Page - STMicroelectronics STM32F410CB Datasheet HTML 76Page - STMicroelectronics STM32F410CB Datasheet HTML 77Page - STMicroelectronics STM32F410CB Datasheet HTML 78Page - STMicroelectronics STM32F410CB Datasheet HTML 79Page - STMicroelectronics STM32F410CB Datasheet HTML 80Page - STMicroelectronics STM32F410CB Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 142 page
background image
DocID028094 Rev 5
77/142
STM32F410x8/B
Electrical characteristics
118
6.3.7
Wakeup time from low-power modes
The wakeup times given in Table 37 are measured starting from the wakeup event trigger up
to the first instruction executed by the CPU:
•
For Stop or Sleep modes: the wakeup event is WFE.
•
WKUP (PA0) pin is used to wakeup from Standby, Stop and Sleep modes.
Figure 18. Low-power mode wakeup
All timings are derived from tests performed under ambient temperature and VDD=3.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More