Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F410CB Fiches technique(PDF) 76 Page - STMicroelectronics

No de pièce STM32F410CB
Description  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410CB Fiches technique(HTML) 76 Page - STMicroelectronics

Back Button STM32F410CB Datasheet HTML 72Page - STMicroelectronics STM32F410CB Datasheet HTML 73Page - STMicroelectronics STM32F410CB Datasheet HTML 74Page - STMicroelectronics STM32F410CB Datasheet HTML 75Page - STMicroelectronics STM32F410CB Datasheet HTML 76Page - STMicroelectronics STM32F410CB Datasheet HTML 77Page - STMicroelectronics STM32F410CB Datasheet HTML 78Page - STMicroelectronics STM32F410CB Datasheet HTML 79Page - STMicroelectronics STM32F410CB Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 142 page
background image
Electrical characteristics
STM32F410x8/B
76/142
DocID028094 Rev 5
APB2
(up to 100 MHz)
APB2 to AHB
0,22
0,19
0,17
µA/MHz
TIM1
6,62
6,36
5,66
USART1
3,19
3,10
2,77
USART6
3,10
2,99
2,66
ADC1
3,35
3,25
2,88
SPI1/I2S1
1,82
1,77
1,58
SYSCFG
0,83
0,81
0,72
EXTI
0,92
0,88
0,80
TIM9
2,90
2,81
2,48
TIM11
2,13
2,06
1,81
SPI5/I2S5
1,88
1,83
1,59
Bus matrix
1.91
1.82
1.64
1. Valid if all the DMA streams are activated (please refer to the reference manual RM0401).
Table 36. Peripheral current consumption (continued)
Peripheral
IDD (Typ)
Unit
Voltage
scale1
Voltage
scale2
Voltage
scale3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More