| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F410CB Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F410CB Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 142 page ![]() DocID028094 Rev 5 39/142 STM32F410x8/B Pinouts and pin description 43 - - - 54 B5 PB11 I/O FT - TRACED3, TIM5_CH4, I2C2_SDA, I2S2_CKIN, EVENTOUT - C2 39 39 55 A5 PB3 I/O FT - JTDO-SWO, I2C4_SDA, SPI1_SCK/I2S1_CK, USART1_RX, I2C2_SDA, EVENTOUT - D3 40 40 56 C5 PB4 I/O FT - JTRST, SPI1_MISO, EVENTOUT - A3 41 41 57 D4 PB5 I/O FT - LPTIM1_IN1, I2C1_SMBA, SPI1_MOSI/I2S1_SD, EVENTOUT - B3 42 42 58 C4 PB6 I/O FT - LPTIM1_ETR, I2C1_SCL, USART1_TX, EVENTOUT - C3 43 43 59 B4 PB7 I/O FT - LPTIM1_IN2, I2C1_SDA, USART1_RX, EVENTOUT - D4 44 44 60 A4 BOOT0 I B - - BOOT0 A4 45 45 61 B3 PB8 I/O FT - LPTIM1_OUT, I2C1_SCL, SPI5_MOSI/I2S5_SD, EVENTOUT - - - 46 62 A3 PB9 I/O FT - TIM11_CH1, I2C1_SDA, SPI2_NSS/I2S2_WS, I2C2_SDA, EVENTOUT - A5 46 47 63 - VSS S - - - - B4 47 - - C3 PDR_ON I FT - - - A6 48 48 64 - VDD S - - - - 1. Function availability depends on the chosen device. Table 9. STM32F410x8/B pin definitions (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |