Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56EL70L3 Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce SPC56EL70L3
Description  4 KB instruction cache with error detection code
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL70L3 Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button SPC56EL70L3 Datasheet HTML 45Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 46Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 47Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 48Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 49Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 50Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 51Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 52Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 128 page
background image
DocID023953 Rev 5
49/128
SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5
Package pinouts and signal descrip-
127
89
B[4]
SIUL
GPIO[20]
GPIO[20]
JTAGC
TDO
—
90
VSS_HV_IO
—
91
VDD_HV_IO
—
92
A[3]
SIUL
GPIO[3]
GPIO[3]
eTimer_0
ETC[3]
ETC[3]
DSPI_2
CS0
CS0
FlexPWM_0
B[3]
B[3]
MC_RGM
—
ABS[2]
SIUL
—
EIRQ[3]
93
VDD_LV_COR
—
94
VSS_LV_COR
—
95
VDD_HV_REG_1
—
96
VSS_HV_FLA
—
97
VDD_HV_FLA
—
98
G[6]
SIUL
GPIO[102]
GPIO[102]
FlexPWM_0
A[3]
A[3]
99
D[12]
SIUL
GPIO[60]
GPIO[60]
FlexPWM_0
X[1]
X[1]
LINFlexD_1
—
RXD
100
G[4]
SIUL
GPIO[100]
GPIO[100]
FlexPWM_0
B[2]
B[2]
eTimer_0
—
ETC[5]
101
C[13]
SIUL
GPIO[45]
GPIO[45]
eTimer_1
ETC[1]
ETC[1]
CTU_0
—
EXT_IN
FlexPWM_0
—
EXT_SYNC
102
G[2]
SIUL
GPIO[98]
GPIO[98]
FlexPWM_0
X[2]
X[2]
DSPI_1
CS1
—
103
C[14]
SIUL
GPIO[46]
GPIO[46]
eTimer_1
ETC[2]
ETC[2]
CTU_0
EXT_TGR
—
Table 4. LQFP144 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function