Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56EL70L3 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce SPC56EL70L3
Description  4 KB instruction cache with error detection code
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL70L3 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button SPC56EL70L3 Datasheet HTML 19Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 20Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 21Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 22Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 23Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 24Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 25Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 26Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 128 page
background image
DocID023953 Rev 5
23/128
SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5
Introduction
127
1.5.27
FlexRay
The FlexRay module provides the following features:
Full implementation of FlexRay Protocol Specification 2.1 Rev. A
64 configurable message buffers can be handled
Dual channel or single channel mode of operation, each as fast as 10 Mbit/s data rate
Message buffers configurable as transmit or receive
Message buffer size configurable
Message filtering for all message buffers based on Frame ID, cycle count, and
message ID
Programmable acceptance filters for receive FIFO
Message buffer header, status, and payload data stored in system memory (SRAM)
Internal FlexRay memories have error detection and correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More